PART |
Description |
Maker |
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
M80-5T11205M2-00-000-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 12 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
YTW-09-09-L-Q-300-050 YTW-09-09-G-Q-300-050 YTW-09 |
36 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 120 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 145 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 300 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 185 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 112 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 76 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 152 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 8 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 90 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 195 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 156 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 136 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 294 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 245 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 164 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
26-51-0232 26-51-0072 26-51-0022 26-51-1061 |
Breakaway Header; No. of Contacts:23; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Breakaway Header; No. of Contacts:2; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
ITT, Corp. Molex, Inc. MOLEX INC
|
050-026-032 050-026-032B 050-064-032 050-010-033A |
26 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER Shrouded Ejector Latch Header; No. of Contacts:10; Pitch Spacing:0.1"; No. of Rows:2; Gender:Male; Series:LAT-CON Ejector Latch Header; No. of Contacts:40; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Contact Plating:Gold; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 60 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT 50 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT
|
ITW PANCON
|
27-62-4068 27-66-4105 42491-0227 26-64-4030 27-62- |
KK 156 Hdr FrLk Peg 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr FrLk Peg 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:3; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:42491; Body Material:Polyester; Current Rating:7A; Voltage Rating:250V 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
87831-1421 87831-1621 87831-3820 87831-5019 87831- |
878311421 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt Slot/Stdf.76AuLF 16Ckt 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Slot/Stdf.38AuLF 38Ckt 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Stdf GF LF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Slot/Stdf.38AuLF 36Ckt 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,34 Contacts,PIN,0.079 Pitch,PC TAIL Terminal,LOCKING MECH
|
Molex, Inc. MOLEX INC
|
90136-2115 90136-2110 90136-2210 90136-2207 90136- |
C-Grid Shrd Hdr SR RA Tn-A 15Ckt 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:7; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR RA Au-F 3Ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr SR RA Au-F 4Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
26-50-3199 26-50-3099 26-48-1020 26-48-1221 26-48- |
KK 156 Hdr Assy Flat Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 09 ckt Tin 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 02 ckt Tin 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 07 ckt 20 Au 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 10 ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 08 ckt 20 Au 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 04 ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 04 ckt 20 Au 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 21 ckt Tin 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 21 ckt 20 Au 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 20 ckt Tin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 08 ckt Tin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,11 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 20 ckt 15 SAu 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 07 ckt 30 SAu 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 07 ckt Tin 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy Flat Bkwy 05 ckt Tin RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
90814-3924 90814-3622 90814-0904 90814-3608 90814- |
P'FLEX SMT H'R HI-TEMP W PEGS AU 24CKT 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 22CKT 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT PICOFLEX SMT HEADER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 26CKT 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 10CKT 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP W PEGS AU 10CKT 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P/FLEX SMT H/R W/O PEGS 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:1.27mm; Number of Rows:1; Series:Picoflex; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount; External Width:8.89mm Header; Number of Contacts:10; Pitch Spacing:1.27mm; Number of Rows:1; Series:Picoflex; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount; External Width:11.43mm
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
51700-11200412BCLF 51700-11907419CA 51700-30801208 |
28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 112 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 76 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 100 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 52 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 108 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 108 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 116 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 158 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 86 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 86 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 110 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 98 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
|
|